PART |
Description |
Maker |
FTM-9412S-F10 FTM-9412S-F10DC FTM-9412S-F10DCG FTM |
2x5 SFF GE-PON ONU Diplexer
|
Source Photonics, Inc.
|
FTGN2117P2CUN FTGN2117P2TUN |
Pluggable SFP ONU
|
Finisar Corporation.
|
NU-73C94C-PG |
3.3V, 1.244 Gbps 1310 nm Burst-Mode TX / 2.488 Gbps 1490 nm Continuous RX 2X5 SFF Package, ITU-T G.984.2 Class C G-PON ONU Transceiver
|
Optoway Technology Inc
|
NU-73B94B-PG NU-73B94B-P-AG |
3.3.244 Gbps310纳米突发模式德克萨斯 2.488 Gbps490纳米连续收发2X5 SFF封装,ITU - TG.984.2 BG - PON的ONU的收发器 3.3V, 1.244 Gbps 1310 nm Burst-Mode TX / 2.488 Gbps 1490 nm Continuous RX 2X5 SFF Package, ITU-T G.984.2 Class B G-PON ONU Transceiver 3.3.244 Gbps310纳米突发模式德克萨斯 2.488 Gbps490纳米连续收发2X5 SFF封装,ITU - T的G.984.2 B级G - PON的ONU的收发器
|
Optoway Technology Inc. Optoway Technology, Inc.
|
SML-LX2832DRC-TR |
2.8mm x 3.2nm SURFACE MOUNT LED WIT REFLECTOR
|
LUMEX INC.
|
DS1877TTR |
SFP Controller for Dual Rx Interface
|
MAXIM - Dallas Semiconductor
|
DS1878 DS1878TTR |
SFP Controller with Digital LDD Interface
|
Maxim Integrated Products
|
DS1876 DS1876T DS1876TTR |
SFP Controller with Dual LDD Interface
|
Maxim Integrated Products
|
DS1878 DS1878T-T |
SFP Controller with Digital LDD Interface
|
MAXIM - Dallas Semiconductor
|
SY87725L SY87725LHY SY87725LHYTR |
2.5Gbps GPON/BPON ONU SERDES
|
Micrel Semiconductor
|
75462-0001 75450-0001 75787-0001 75477-0001 75460- |
Stacked SFP 2x5 Assembly Medium SFP 2X6 DUAL STACK ASSY MED 757140001 SFP DUAL STACK 2X4, MED ASSY RoHS Compliant: Yes SFP 2X6 DUAL STACK MED ASSY 753100001 40 CONTACT(S), RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SOLDER 0.80mm (.031? Pitch SFP Stacked Multi-Port Connectors 0.80mm (.031隆卤) Pitch SFP Stacked Multi-Port Connectors
|
MOLEX INC Molex, Inc. Molex Electronics Ltd.
|
0744410010 74441-0010 |
0.80mm (.031") Pitch SFP, SFP Plus (SFP ) Host Connector, Z-Axis Pluggable, RightAngle, SMT, 20 Circuits, 0.76渭m (30渭") Gold (Au) 0.80mm (.031) Pitch SFP, SFP Plus (SFP ) Host Connector, Z-Axis Pluggable, RightAngle, SMT, 20 Circuits, 0.76μm (30μ) Gold (Au)
|
Molex Electronics Ltd.
|